Part Number Hot Search : 
C011302S LTC38 UGZ6GF CXP50712 E000855 MAU201 E3055T 1N3043
Product Description
Full Text Search
 

To Download ARS2510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,LTD Tel:0086-21-37185008 Fax:0086-21-57152769
AR2501/ARS2501 THRU AR2512/ARS2512
HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
.185(4.7) .165(4.2) AR .185(4.7) .165(4.2) ARS
Features
Low leakage Low forward voltage drop High current capability High forward surge current capability
Mechanical Data
Case: transfer molded plastic Technology: vcauum soldered Polarity: color ring denotes cathode Lead: Plated lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weigth: AR 1.80 grams, ARS 1.60 grams
.250(6.4) .235(6.0)
.250(6.4) .235(6.0)
.410(10.4) DIA .380( 9.7) .225(5.7) DIA .215(5.5) .225(5.7) DIA .215(5.5)
.346(8.8) DIA .327(8.2)
Maximum Ratings and Electrical Charactristics
Dimensions in inches and millimeters
Rating at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% AR2501 AR2502 AR2504 AR2506 AR2508 AR2510 AR2512 Parameters Symbols ARS250 ARS250 ARS250 ARS250 ARS250 ARS251 ARS251 Units 1 2 4 6 8 0 2 VRRM Maximum repetitive peak reverse voltage 100 200 400 600 800 1000 1200 Volts VRMS Maximum RM S voltage 70 140 280 420 560 700 840 Volts VDC Maximum DC blocking voltage 100 200 400 600 800 1000 1200 Volts Maximum Average rectified forward current Io 25 Amps at TC=110oC Peak forward surge current 8.3mS single IFSM 300 half sine-wave superimposed on rated load Amps (JE DEC Method) Rating for fusing(t<8.3ms) Maximum instantaneous forward voltage drop at 35A Maximum DC reverse current TA=25oC at rated DC blocking voltage TA=150 C Typical thermal resistance Operating and storage temperature
o
I2 t VF IR RJC TJ,TSTG
374 1.0 5.0 500 1.0 -65 to +175
A2S Volts uA
o
C/W
o
C
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AR2501 THRU AR2512 ARS2501 THRU ARS2512
Ratings and Characteristic Curves
www. cnelectr .com


▲Up To Search▲   

 
Price & Availability of ARS2510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X